PART |
Description |
Maker |
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
UF8J |
SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
|
Yea Shin Technology Co., Ltd
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
8041 |
CHOKE SURFACE MOUNT COMMON MODE CHOKE
|
Filtran LTD
|
M3L2812S M3L2803R3D M3L2803R3S M3L2812D M3L2815D M |
Hi-Rel DC-DC Rad Tolerant Triple Converter in a M3L package Hi-Rel DC-DC Rad-Tolerant Dual Converter in a M3L package Hi-Rel DC-DC Rad-Tolerant Single Converter in a M3L package ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
|
IRF[International Rectifier]
|
LPP-100-13.5 LPP-100-12 LPP-100-48 LPP-100-27 LPP- |
CHOKE,AXIAL,MOLDED RF,0.15uH, 10% INDUCTIVE TOL,1100 IDC 100W Single Output with PFC Function CHOKE,AXIAL,MOLDED RF,0.56uH, 10% INDUCTIVE TOL,495 IDC CHOKE,AXIAL,MOLDED RF,0.47uH, 10% INDUCTIVE TOL,590 IDC CHOKE,AXIAL,MOLDED RF,0.39uH, 10% INDUCTIVE TOL,640 IDC
|
Astrodyne, Inc.
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
BWR12/335D5 BWR15/330D48 |
Rad-hard dual 4-input AND gate Rad-hard quad 2-input OR gate 模拟IC
|
TE Connectivity, Ltd.
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
5962R9672201VCC 5962R9672201QXC 5962R9672302VCC 59 |
Line Receiver, Party, Triple, Rad-Hard Line Receiver, Triple, Rad-Hard Line Transmitter, Triple, Rad-Hard Radiation Hardened Triple Line Transmitter
|
Intersil Corporation
|
FSJ260D1 FSJ260D3 FSJ260R FSJ260R1 FSJ9160 FSJ9160 |
44A/ 200V/ 0.050 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs 44A/ -100V/ 0.055 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 55A/ -60V/ 0.029 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil
|
|